Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305E/R Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1305E/R
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305E/R Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1305E/R Datasheet HTML 1Page - Dallas Semiconductor DS1305E/R Datasheet HTML 2Page - Dallas Semiconductor DS1305E/R Datasheet HTML 3Page - Dallas Semiconductor DS1305E/R Datasheet HTML 4Page - Dallas Semiconductor DS1305E/R Datasheet HTML 5Page - Dallas Semiconductor DS1305E/R Datasheet HTML 6Page - Dallas Semiconductor DS1305E/R Datasheet HTML 7Page - Dallas Semiconductor DS1305E/R Datasheet HTML 8Page - Dallas Semiconductor DS1305E/R Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
REV: 070705
FEATURES
§ Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Date of the Month, Month,
Day of the Week, and Year with Leap-Year
Compensation Valid Up to 2100
§ 96-Byte, Battery-Backed NV RAM for Data
Storage
§ Two Time-Of-Day Alarms, Programmable
on Combination of Seconds, Minutes, Hours,
and Day of the Week
§ Supports Motorola SPI
™ (Serial Peripheral
Interface) Modes 1 and 3 or Standard 3-Wire
Interface
§ Burst Mode for Reading/Writing Successive
Addresses in Clock/RAM
§ Dual-Power Supply Pins for Primary and
Backup Power Supplies
§ Optional Trickle Charge Output to Backup
Supply
§ 2.0V to 5.5V Operation
§ Optional Industrial Temperature Range:
-
40°C to +85°C
§ Available in Space-Efficient, 20-Pin TSSOP
Package
§ Underwriters Laboratory (UL) Recognized
PIN CONFIGURATIONS
TYPICAL OPERATING CIRCUIT
www.maxim-ic.com
DS1305
Serial Alarm Real-Time Clock
SPI is a trademark of Motorola, Inc.
VCC2
1
16
VCC1
VBAT
2
15
PF
X1
3
14
VCCIF
X2
4
13
SDO
N.C.
5
12
SDI
INT0
6
11
SCLK
INT1
7
10
CE
GND
8
9
SERMODE
DIP (300 mils)
DS1305
VCC2
1
20
VCC1
VBAT
2
19
N.C.
X1
3
18
PF
N.C.
4
17
VCCIF
X2
5
16
SD0
N.C.
6
15
SDI
INT0
7
14
SCLK
N.C.
8
13
N.C.
INT1
9
12
CE
GND
10
11
SERMODE
DS1305
TSSOP (4.4mm)
TOP VIEW


Similar Part No. - DS1305E/R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1305E/T&R MAXIM-DS1305E/T&R Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1305E/TR MAXIM-DS1305E/TR Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
More results

Similar Description - DS1305E/R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com