Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305E/R Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1305E/R
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305E/R Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1305E/R Datasheet HTML 13Page - Dallas Semiconductor DS1305E/R Datasheet HTML 14Page - Dallas Semiconductor DS1305E/R Datasheet HTML 15Page - Dallas Semiconductor DS1305E/R Datasheet HTML 16Page - Dallas Semiconductor DS1305E/R Datasheet HTML 17Page - Dallas Semiconductor DS1305E/R Datasheet HTML 18Page - Dallas Semiconductor DS1305E/R Datasheet HTML 19Page - Dallas Semiconductor DS1305E/R Datasheet HTML 20Page - Dallas Semiconductor DS1305E/R Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DS1305
19 of 21
SPI AC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.) (Figure 12 and Figure 13)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC = 2.0V
200
Data to CLK Setup
tDC
VCC = 5V
50
ns
5,6
VCC = 2.0V
280
CLK to Data Hold
tCDH
VCC = 5V
70
ns
5,6
VCC = 2.0V
800
CLK to Data Delay
tCDD
VCC = 5V
200
ns
5,6,7
VCC = 2.0V
1000
CLK Low Time
tCL
VCC = 5V
250
ns
6
VCC = 2.0V
1000
CLK High Time
tCH
VCC = 5V
250
ns
6
VCC = 2.0V
0.6
CLK Frequency
tCLK
VCC = 5V
DC
2.0
MHz
6
VCC = 2.0V
2000
CLK Rise and Fall
tR, tF
VCC = 5V
500
ns
VCC = 2.0V
4
CE to CLK Setup
tCC
VCC = 5V
1
µs
6
VCC = 2.0V
240
CLK to CE Hold
tCCH
VCC = 5V
60
ns
6
VCC = 2.0V
4
CE Inactive Time
tCWH
VCC = 5V
1
µs
6
VCC = 2.0V
280
CE to Output High-Z
tCDZ
VCC = 5V
70
ns
5,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com