Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0201 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0201
Description  HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0201 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0201 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0201 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.60
A2
9.60
B
1.60
C
0.30
B2
8.00
C2
8.00
D
0.20
D2
0.80
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
B2
C2
D2
A2
IIP
PC
C0
02
20
01
1


Similar Part No. - IPC0201

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0200 PROTOADVANTAGE-IPC0200 Datasheet
106Kb / 2P
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
revision 1.0
IPC0202 PROTOADVANTAGE-IPC0202 Datasheet
107Kb / 2P
Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0204 PROTOADVANTAGE-IPC0204 Datasheet
105Kb / 2P
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0205 PROTOADVANTAGE-IPC0205 Datasheet
106Kb / 2P
LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
revision 1.0
More results

Similar Description - IPC0201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
Aries Electronics, Inc.
1109477 ARIES-1109477 Datasheet
754Kb / 1P
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Aries Electronics, Inc.
18050 ARIES-18050 Datasheet
840Kb / 1P
Zilog Z80180 68-Pin PLCC-to-64-Pin DIP
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com