Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8054SSC-R1 Datasheet(PDF) 4 Page - Wuxi Chipown Micro-electronics limited

Part # PN8054SSC-R1
Description  High-performance non-isolated AC/DC converter chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8054SSC-R1 Datasheet(HTML) 4 Page - Wuxi Chipown Micro-electronics limited

  PN8054SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PN8054
Chipown
www.chipown.com
© 2017 无锡芯朋微电子股份有限公司
Rev.1709
2017 年 9 月
4 / 9
特性曲线
-50
-25
0
25
50
75
100
125
150
00
4
8
12
16
20
Junction Temperture(
)
℃
-50
-25
0
25
50
75
100
125
150
600
650
700
750
800
Junction Temperture(
)
℃
(a) RDS(on) vs Tj
(b) BVDSS vs Tj
-50
-25
0
25
50
75
100
125
150
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Junction Temperture(℃)
-50
-25
0
25
50
75
100
125
150
17
18
19
20
21
Junction Temperture(℃)
(c) VREF vs Tj
(d) Toffmin vs Tj
-50
-25
0
25
50
75
100
125
150
9.5
10.0
10.5
11.0
11.5
12.0
12.5
Junction Temperture(℃)
-50
-25
0
25
50
75
100
125
150
7.5
8.0
8.5
9.0
9.5
Junction Temperture(℃)
(e) VDDon vs Tj
(f) VDDoff vs Tj



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com