Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8054SSC-R1 Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8054SSC-R1
Description  High-performance non-isolated AC/DC converter chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8054SSC-R1 Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8054SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PN8054
Chipown
www.chipown.com
© 2017 无锡芯朋微电子股份有限公司
Rev.1709
2017 年 9 月
2 / 9
管脚定义
管脚名
管脚标号
管脚功能描述
GND
1,2
地
VDD
3
芯片电源脚
NC
4,5
空脚
(可以接SW高压脚)
SW
6,7
高压
MOSFET漏极脚
典型功率
产品型号
输入电压
稳态功率(1)
峰值功率(2)
150-265 VAC
4.5W(15V300mA)
5.25W(15V350mA)
PN8054 SOP-7
85-265 VAC
3.75W(15V250mA)
4.5W(15V300mA)
备注:
1. 稳态功率在半封闭式 75°C 环境下测试(Buck/Buck-boost 应用),持续时间大于 2 小时。
2. 峰值功率在半封闭式 75°C 环境下测试(Buck/Buck-boost 应用),持续时间大于 1min。
功能框图
6/7
HV
Startup
SW
Supply
&UVLO
Gate
Driver
OTP
CV
Sample
EA
1/2
GND
Logic
Comp
2.5V
4
VDD
OCP
Rg
20V
PN8054



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com