Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8054SSC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # PN8054SSC-R1
Description  High-performance non-isolated AC/DC converter chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8054SSC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  PN8054SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8054SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PN8054
Chipown
www.chipown.com
© 2017 无锡芯朋微电子股份有限公司
Rev.1709
2017 年 9 月
1 / 9
高性能非隔离交直流转换芯片
概述
PN8054集成PFM控制器及650V高雪崩能力智能功率MOSFET,用于外围元器件极精简的小功率非隔离开关电源。
PN8054内置高压启动模块,实现系统快速启动、超低待机功能。该芯片提供了完整的智能化保护功能,包括过载保护,
欠压保护,过温保护。另外
PN8054的降频调制技术有助于改善EMI特性。
应用领域
■
非隔离辅助电源
封装/订购信息
产品特征
■
内置
650V高雪崩能力智能功率MOSFET
■
内置高压启动电路
■
优化适用于
15V输出非隔离应用
■
SOP-7封装半封闭式稳态输出功率4.5W @230VAC
■
改善
EMI的降频调制技术
■
优异的负载调整率和工作效率
■
全面的保护功能
过载保护(
OLP)
过温保护(
OTP)
欠压保护(
UVLO)
订购代码
封装
PN8054SSC-R1
SOP-7
典型应用


Similar Part No. - PN8054SSC-R1

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8010 MALLORY-PN8010 Datasheet
115Kb / 1P
Billet Hold Down Clamp, Ford
logo
Wuxi Chipown Micro-elec...
PN8016 CHIPOWN-PN8016 Datasheet
320Kb / 11P
Non-isolated Off-line PWM converters
Rev.1809 Sept.-2018
PN8016SSC-R1B CHIPOWN-PN8016SSC-R1B Datasheet
320Kb / 11P
Non-isolated Off-line PWM converters
Rev.1809 Sept.-2018
logo
Linkage Goston Electron...
PN8024R LINKAGE-PN8024R Datasheet
330Kb / 6P
High-efficiency non-isolated AC/DC conversion chip
PN8024RSSC-R1 LINKAGE-PN8024RSSC-R1 Datasheet
330Kb / 6P
High-efficiency non-isolated AC/DC conversion chip
More results

Similar Description - PN8054SSC-R1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
Non-isolated AC/DC converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
Non-isolated AC / DC Converter
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com