Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5382ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5382ACPZ-R7
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5382ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5382
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
CMRF CMRF RFIP
ADL5382
TOP VIEW
(Not to Scale)
RFIN CMRF VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP LOIN CML
CML COM
23
22
21
20
19
7
8
9
101112
2
3
4
5
6
18
17
16
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4 to 6,
17 to 19
VPA, VPL, VPB, VPX
Supply. Positive supply for LO, IF, biasing, and baseband sections. These pins should be decoupled
to the board ground using appropriate-sized capacitors.
2, 7, 10 to 12,
20, 23, 24
COM, CML, CMRF
Ground. Connect to a low impedance ground plane.
3
BIAS
Bias Control. A resistor (RBIAS) can be connected between BIAS and COM to reduce the mixer core
current. The default setting for this pin is open.
8, 9
LOIP, LOIN
Local Oscillator Input. Pins must be ac-coupled. A differential drive through a balun (recommended
balun is the M/A-COM ETC1-1-13) is necessary to achieve optimal performance.
13 to 16
ILO, IHI, QLO, QHI
I Channel and Q Channel Mixer Baseband Outputs. These outputs have a 50 Ω differential output
impedance (25 Ω per pin). The bias level on these pins is equal to VPOS − 2.8 V. Each output pair can
swing 2 V p-p (differential) into a load of 200 Ω. Output 3 dB bandwidth is 370 MHz.
21, 22
RFIN, RFIP
RF Input. A single-ended 50 Ω signal can be applied to the RF inputs through a 1:1 balun (recommended
balun is the M/A-COM ETC1-1-13). Ground-referenced inductors must also be connected to RFIP and
RFIN (recommended values = 33 nH).
EP
Exposed Paddle. Connect to a low impedance thermal and electrical ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com