Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5382ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5382ACPZ-R7
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5382ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5382
Rev. 0 | Page 15 of 28
RF INPUT
The RF inputs have a differential input impedance of
approximately 50 Ω. For optimum performance, the RF port
should be driven differentially through a balun. The recommended
balun is the M/A-COM ETC1-1-13. The RF inputs to the device
should be ac-coupled with 1000 pF capacitors. Ground-referenced
choke inductors must also be connected to RFIP and RFIN (the
recommended value is 33 nH, Coilcraft 0603CS-33NX) for
appropriate biasing. Several important aspects must be taken
into account when selecting an appropriate choke inductor for
this application. First, the inductor must be able to handle the
approximately 40 mA of standing dc current being delivered
from each of the RF input pins (RFIP, RFIN). The suggested
0603 inductor has a 600 mA current rating. The purpose of the
choke inductors is to provide a very low resistance dc path to
ground and high ac impedance at the RF frequency so as not to
affect the RF input impedance. A choke inductor that has a self-
resonant frequency greater than the RF input frequency ensures
that the choke is still looking inductive and therefore has a more
predictable ac impedance (jωL) at the RF frequency. Figure 42
shows the RF input configuration.
RF INPUT
RFIN
ETC1-1-13
33nH
33nH
RFIP
1000pF
1000pF
21
22
Figure 42. RF Input
The differential RF port return loss is characterized as shown in
Figure 43.
–10
–12
–14
–16
–18
–20
–22
–24
0.7
0.9
1.1
1.5
1.7
1.3
1.9
2.1
2.3
2.5
2.7
2.9
FREQUENCY (GHz)
Figure 43. Differential RF Port Return Loss
BASEBAND OUTPUTS
The baseband outputs QHI, QLO, IHI, and ILO are fixed
impedance ports. Each baseband pair has a 50 Ω differential
output impedance. The outputs can be presented with differential
loads as low as 200 Ω (with some degradation in gain) or high
impedance differential loads (500 Ω or greater impedance yields
the same excellent linearity) that is typical of an ADC. The
TCM9-1 9:1 balun converts the differential IF output to single-
ended. When loaded with 50 Ω, this balun presents a 450 Ω
load to the device. The typical maximum linear voltage swing
for these outputs is 2 V p-p differential. The bias level on these
pins is equal to VPOS − 2.8 V. The output 3 dB bandwidth is
370 MHz. Figure 44 shows the baseband output configuration.
QHI
QLO
IHI
ILO
QHI
QLO
IHI
ILO
16
15
14
13
Figure 44. Baseband Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com