Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5382ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5382ACPZ-R7
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5382ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5382
Rev. 0 | Page 20 of 28
As the load impedance of the filter increases, the filter design
becomes more challenging in terms of meeting the required
rejection and pass band specifications. In the previous W-
CDMA example, the 500 Ω load impedance resulted in the
design of a sixth-order filter that has relatively large inductor
values and small capacitor values. If the load impedance is 200 Ω,
the filter design becomes much more manageable. As shown in
Figure 54, the resultant inductor and capacitor values become
much more practical.
10µH
10µH
8µH
8µH
Figure 54. Fourth-Order Low-Pass W-CDMA Filter Schematic
Figure 55 and Figure 56 illustrate the magnitude response and
group delay response of the fourth-order filter, respectively.
–15
–10
–5
0
–20
5
FREQUENCY (MHz)
3.8
3.4
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0.2
Figure 55. Fourth-Order Low-Pass W-CDMA Filter Magnitude Response
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.2
200
300
400
500
600
700
800
100
900
FREQUENCY (MHz)
Figure 56. Fourth-Order Low-Pass W-CDMA Filter Group Delay Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com