Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5382ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5382ACPZ-R7
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5382ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5382ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5382
Rev. 0 | Page 8 of 28
0
5
10
15
20
–6
–5
–4
–3
–2
–1
0123456
20
35
50
65
80
GAIN
IIP3
NOISE FIGURE
IP1dB
IIP2, I CHANNEL
IIP2, Q CHANNEL
LO LEVEL (dBm)
Figure 9. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fRF = 900 MHz
INPUT IP3
NOISE FIGURE
SUPPLY CURRENT
10
14
18
22
26
30
34
1
10
100
160
170
180
190
200
210
220
230
240
250
RBIAS (kΩ)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. IIP3, Noise Figure, and Supply Current vs. RBIAS, fRF = 900 MHz
13
15
17
19
21
23
25
27
29
–30
–25
–20
–15
–10
–5
0
5
RF BLOCKER INPUT POWER (dBm)
900MHz
1900MHz
Figure 11. Noise Figure vs. Input Blocker Level, fRF = 900 MHz, 1900 MHz
(RF Blocker 5 MHz Offset)
2
4
6
8
10
12
14
16
18
15
25
35
45
55
65
75
0
20
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
GAIN
IIP3
NOISE FIGURE
IIP2, I CHANNEL
IIP2, Q CHANNEL
LO LEVEL (dBm)
IP1dB
Figure 12. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fRF = 1900 MHz
8
12
16
20
24
28
32
INPUT IP3
NOISE FIGURE
1
10
100
RBIAS (kΩ)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. IIP3 and Noise Figure vs. RBIAS, fRF = 1900 MHz
110
RBIAS (kΩ)
100
0
10
20
30
40
50
60
70
80
900MHz: GAIN
900MHz: IP1dB
900MHz: IIP2, I CHANNEL
900MHz: IIP2, Q CHANNEL
1900MHz: GAIN
1900MHz: IP1dB
1900MHz: IIP2, I CHANNEL
1900MHz: IIP2, Q CHANNEL
Figure 14. Conversion Gain, IP1dB, IIP2_I, and IIP2_Q vs.
RBIAS, fRF = 900 MHz, 1900MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com