Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP3121 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP3121
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP3121 Datasheet(HTML) 2 Page - STMicroelectronics

  LCP3121 Datasheet HTML 1Page - STMicroelectronics LCP3121 Datasheet HTML 2Page - STMicroelectronics LCP3121 Datasheet HTML 3Page - STMicroelectronics LCP3121 Datasheet HTML 4Page - STMicroelectronics LCP3121 Datasheet HTML 5Page - STMicroelectronics LCP3121 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LCP3121
2/6
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note 1)
10/1000
µs
100
A
ITSM
Non repetitive surge peak on-state current
(F=50Hz)
tp = 10ms
t=1s
16
8
A
VAC
VGA
Maximum voltage between A and C
Maximum voltage between G (Gn or Gp) and A
100
80
V
Tstg
Tj
Storage temperature range
Maximum junction temperature
-40to+150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
Note 1 : Pulse waveform :
10/1000
µstr=10µstp=1000µs
100
50
%I
PP
t
t
r
p
0
t
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
THERMAL RESISTANCE
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IRM
Leakage current at VRM
IR
Leakage current at VR
IPP
Peak pulse current
VR
Continuous reverse voltage
Coff
Off-state capacitance
VG
Gate voltage
IGP
Gp triggering current
IGN
Gn triggering current
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
VRM
I H
PP
I
I RM
VBR
IBO
VBO
VR
I
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com