Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP3121 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP3121
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP3121 Datasheet(HTML) 3 Page - STMicroelectronics

  LCP3121 Datasheet HTML 1Page - STMicroelectronics LCP3121 Datasheet HTML 2Page - STMicroelectronics LCP3121 Datasheet HTML 3Page - STMicroelectronics LCP3121 Datasheet HTML 4Page - STMicroelectronics LCP3121 Datasheet HTML 5Page - STMicroelectronics LCP3121 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCP3121
3/6
Symbol
Test conditions
Min.
Max.
Unit
VG
(note1)
IGATE = 200mA (for eigher Gn or Gp)
0.6
1.8
V
IGP
VAnode-cathode = 60V
180
mA
IGN
VAnode-cathode = 60V
80
200
mA
Note 1 : VG =VGN, measured between Gn and cathode
VG =VGP, measured between Gp and anode
2 - OPERATION WITH GATE (Tamb =25°C)
Sym-
bol
Test conditions
Min.
Max.
Unit
IRM
VRM = 60V
VRM = 90V
5
8
µA
IR
at VR = 180V
50
µA
VBR
at 1mA
100
V
IBO
80
500
mA
VBO
Measured at 50Hz
180
V
IH
See the functional test circuit
100
mA
1 - OPERATION WITHOUT GATE (Tamb =25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com