Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP3121 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP3121
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP3121 Datasheet(HTML) 1 Page - STMicroelectronics

  LCP3121 Datasheet HTML 1Page - STMicroelectronics LCP3121 Datasheet HTML 2Page - STMicroelectronics LCP3121 Datasheet HTML 3Page - STMicroelectronics LCP3121 Datasheet HTML 4Page - STMicroelectronics LCP3121 Datasheet HTML 5Page - STMicroelectronics LCP3121 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Application Specific Discretes
A.S.D.™
LCP3121
OVERVOLTAGE AND OVERCURRENT
PROTECTION FOR TELECOM LINE
®
s
UNIDIRECTIONAL
OVERVOLTAGE
SUP-
PRESSOR PROGRAMMABLE BY VOLTAGE
AND CURRENT:
s
PROGRAMMABLE BREAKDOWN VOLTAGE
UP TO 100 V.
s
PROGRAMMABLE
CURRENT
LIMITATION
FROM 120 mA TO 600 mA.
s
MULTI-LINE PROTECTION MODE : ONE DE-
VICE CAN PROTECT SEVERAL LINES.
s
HIGH SURGE CURRENT CAPABILITY :
IPP = 100A for 10/1000
µs.
FEATURES AND BENEFITS
SO-8
Dedicated to the protection of sensitive telecom
equipment, the LCP3121 provides protection
which can be programmed by both voltage and
current.
The breakdown voltage can be easily programmed
by using an external zener diode.
The protection function programmed by the
current
is achieved with the use of a resistor
between the gate and the cathode. The value of
the resistor will determine the level of the desired
current before the triggering of the device.
A multiple protection mode is also performed when
using several diodes providing each line interface
with an optimized protection level.
If desired, a bidirectional protection function can
be achieved by the use of two LCP3121.
DESCRIPTION
April 2003 - Ed: 4
FUNCTIONAL DIAGRAM
A
Gp
C
Gn
CCITT K20 :
10/700
µs
6kV
5/310
µs
150A
VDE 0433 :
10/700
µs
2kV
5/310
µs
50A
VDE 0878 :
1.2/50
µs
1.5kV
1/20
µs
40A
FCC part 68 :
2/10
µs
2.5kV
2/10
µs
200A (*)
BELLCORE
TR-NWT-001089 :
2/10
µs
2.5kV
2/10
µs
200A (*)
BELLCORE
TR-NWT-000974 :
10/1000
µs
1kV
10/1000
µs
100A
(*) with series resistors or PTC.
COMPLIES WITH THE FOLLOWING STANDARDS :
PIN-OUT CONFIGURATION
1
2
3
4
5
6
7
8
C
Gn
Gp
A
A
C
C
C
All cathod pins must be externally connected
TM: ASD is trademarks of STMicroelectronics.


Similar Part No. - LCP3121

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
LCP3-0.36-680 TALEMA-LCP3-0.36-680 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP3-0.42-470 TALEMA-LCP3-0.42-470 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP3-0.50-330 TALEMA-LCP3-0.50-330 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP3-0.62-220 TALEMA-LCP3-0.62-220 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP3-0.76-150 TALEMA-LCP3-0.76-150 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
More results

Similar Description - LCP3121

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
CLP270M STMICROELECTRONICS-CLP270M Datasheet
368Kb / 24P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
L3100B STMICROELECTRONICS-L3100B Datasheet
61Kb / 8P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Sep-1998
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com