Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP3121 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP3121
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP3121 Datasheet(HTML) 4 Page - STMicroelectronics

  LCP3121 Datasheet HTML 1Page - STMicroelectronics LCP3121 Datasheet HTML 2Page - STMicroelectronics LCP3121 Datasheet HTML 3Page - STMicroelectronics LCP3121 Datasheet HTML 4Page - STMicroelectronics LCP3121 Datasheet HTML 5Page - STMicroelectronics LCP3121 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LCP3121
4/6
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT : GO-NO GO TEST
0.01
0.10
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
ITSM (A)
t(s)
F=50Hz
Tj initial = 25°c
Fig.
1:
Maximum
non
repetitive
surge
peak-on-state current versus overload duration.
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj(°C)
IH [Tj] / IH [Tj=25°C]
Fig. 2: Relative variation of holding current versus
junction temperature (typical values).
This is a GO-NO GO test which allows to confirm the holding current (IH) level in a functional test circuit.
TEST PROCEDURE :
- Adjust the current level at the IH value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current : IPP = 10A, 10/1000
µs.
- The D.U.T. will come back to the off-state within a duration of 50ms max.
R
Surge
generator
V
= -48 V
BAT
-VP
-VP
D.U.T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com