Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1585C Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD1585C
Description  5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD1585C Datasheet HTML 4Page - STMicroelectronics LD1585C Datasheet HTML 5Page - STMicroelectronics LD1585C Datasheet HTML 6Page - STMicroelectronics LD1585C Datasheet HTML 7Page - STMicroelectronics LD1585C Datasheet HTML 8Page - STMicroelectronics LD1585C Datasheet HTML 9Page - STMicroelectronics LD1585C Datasheet HTML 10Page - STMicroelectronics LD1585C Datasheet HTML 11Page - STMicroelectronics LD1585C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LD1585C SERIES
8/17
ELECTRICAL CHARACTERISTICS OF LD1585#120 (VI=15V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS OF LD1585# (VI=4.25V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
11.88
12
12.12
V
IO =0to 5A VI = 13.5 to 30V (note 1)
11.76
12
12.24
V
∆V
O
Line Regulation
IO =0mA
VI =13.5to25V
TJ = 25°C
0.005
0.2
mV
IO =0mA
VI = 13.5 to 25V
0.005
0.2
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
0.05
0.3
mV
IO = 0 to 5A
0.05
0.5
Vd
Dropout Voltage
IO =5 A
1.2
1.4
V
Iq
Quiescent Current
VI ≤ 25V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5.5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI -VO =3 ± 1V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C
1000Hrs
0.03
1
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA
VI -VO =3V TJ = 25°C
1.237
1.25
1.263
V
IO = 10mA to 5AVI -VO =1.5 to 25V
(note 1)
1.225
1.25
1.275
V
∆V
O
Line Regulation
IO = 10mA
VI = 2.75 to 15V TJ = 25°C
0.015
0.2
%
IO = 10mA
VI = 2.75 to 15V
0.1
0.2
%
∆V
O
Load Regulation
IO = 10mA to 5ATJ = 25°C
0.1
0.3
%
IO = 0 to 5A
0.25
0.5
%
Vd
Dropout Voltage
IO = 5A
1.2
1.4
V
IO(min)
Minimum Load Current
VI = 25V
3
10
mA
Isc
Short Circuit Current
VI -VO = 5.5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, CADJ =25 µF,
IO =5A
VI -VO =3 ± 1V
60
75
dB
IADJ
Adjust Pin Current
IO =10 mA
50
100
µA
∆I
ADJ
Adjust Pin Current Change
IO = 10mA to 5A
VI = 3 to 25V (note 1)
0.2
5
µA
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com