Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1585C Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1585C
Description  5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585C Datasheet(HTML) 1 Page - STMicroelectronics

  LD1585C Datasheet HTML 1Page - STMicroelectronics LD1585C Datasheet HTML 2Page - STMicroelectronics LD1585C Datasheet HTML 3Page - STMicroelectronics LD1585C Datasheet HTML 4Page - STMicroelectronics LD1585C Datasheet HTML 5Page - STMicroelectronics LD1585C Datasheet HTML 6Page - STMicroelectronics LD1585C Datasheet HTML 7Page - STMicroelectronics LD1585C Datasheet HTML 8Page - STMicroelectronics LD1585C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
September 2003
s
TYPICAL DROPOUT 1.2V
s
FAST TRANSIENT RESPONSE
s
THREE TERMINAL ADJUSTABLE OR FIXED
OUTPUT VOLTAGE 1.5V 1.8V, 2.5V, 2.85V,
3.3V, 5V, 8V, 9V, 12V.
s
GUARANTEED OUTPUT CURRENT UP TO
5A
s
OUPUT TOLERANCE
±1% AT 25°C AND
±2% IN FULL TEMPERATURE RANGE
s
INTERNAL POWER AND THERMAL LIMIT
s
WIDE OPERATING TEMPERATURE RANGE
0°C TO 125°C
s
PACKAGE AVAILABLE : TO-220, D2PAK,
D2PAK/A
s
PINOUT COMPATIBILITY WITH STANDARD
ADJUSTABLE VREG
DESCRIPTION
The LD1585C is a LOW DROP Voltage Regulator
able to provide up to 5A of Output Current.
Dropout is guaranteed at a maximum of 1.4V at
the maximum output current, decreasing at lower
loads. The device has been improved to be
utilized in low voltage applications where transient
response and minimum input voltage are critical.
The most important feature of the device consist in
lower dropout voltage and very fast transient
response. A 2.85V output version is suitable for
SCSI-2 active termination. Unlike PNP regulators,
where a part of the output current is wasted as
quiescent current, the LD1585C quiescent current
flows into the load, so increase efficiency. Only a
10µF minimum capacitor is need for stability.
The device is supplied in TO-220, D2PAK and
D2PAK/A. On chip trimming allows the regulator to
reach a very tight output voltage tolerance, within
±1% at 25°C.
LD1585C
SERIES
5A LOW DROPOUT FAST RESPONSE
POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
SCHEMATIC DIAGRAM
TO-220
D2PAK
D2PAK/A


Similar Part No. - LD1585C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
LD1585CD2M-R STMICROELECTRONICS-LD1585CD2M-R Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
LD1585CD2M15R STMICROELECTRONICS-LD1585CD2M15R Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
LD1585CD2M18R STMICROELECTRONICS-LD1585CD2M18R Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
LD1585CD2M25R STMICROELECTRONICS-LD1585CD2M25R Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
More results

Similar Description - LD1585C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
5A Low dropout fast response positive voltage regulator adjustable and fixed
08-Jun-2007
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Linear Technology
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com