Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1585C Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD1585C
Description  5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585C Datasheet(HTML) 4 Page - STMicroelectronics

  LD1585C Datasheet HTML 1Page - STMicroelectronics LD1585C Datasheet HTML 2Page - STMicroelectronics LD1585C Datasheet HTML 3Page - STMicroelectronics LD1585C Datasheet HTML 4Page - STMicroelectronics LD1585C Datasheet HTML 5Page - STMicroelectronics LD1585C Datasheet HTML 6Page - STMicroelectronics LD1585C Datasheet HTML 7Page - STMicroelectronics LD1585C Datasheet HTML 8Page - STMicroelectronics LD1585C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD1585C SERIES
4/17
ELECTRICAL CHARACTERISTICS OF LD1585#15 (VI=4.5V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS OF LD1585#18 (VI=4.8V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
1.485
1.5
1.515
V
IO =0to 5A VI = 3 to 25V (note 1)
1.47
1.5
1.53
V
∆V
O
Line Regulation
IO =0mA
VI =3to15V
TJ = 25°C
0.005
0.2
%
IO =0mA
VI = 3 to 15V
0.005
0.2
%
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
0.05
0.3
%
IO = 0 to 5A
0.05
0.5
%
Vd
Dropout Voltage
IO =5 A
1.2
1.4
V
Iq
Quiescent Current
VI ≤ 25V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI -VO =3 ± 1V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C
1000Hrs
0.03
1
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
1.782
1.8
1.818
V
IO =0to 5A VI = 3.3 to 25V (note 1)
1.764
1.8
1.836
V
∆V
O
Line Regulation
IO =0mA
VI = 3.3 to 15V TJ = 25°C
0.005
0.2
mV
IO =0mA
VI = 3.3 to 15V
0.005
0.2
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
0.05
0.3
mV
IO = 0 to 5A
0.05
0.5
Vd
Dropout Voltage
IO =5 A
1.2
1.4
V
Iq
Quiescent Current
VI ≤ 25V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5.5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI -VO =3 ± 1V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C
1000Hrs
0.03
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com