Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1585C Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD1585C
Description  5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585C Datasheet(HTML) 3 Page - STMicroelectronics

  LD1585C Datasheet HTML 1Page - STMicroelectronics LD1585C Datasheet HTML 2Page - STMicroelectronics LD1585C Datasheet HTML 3Page - STMicroelectronics LD1585C Datasheet HTML 4Page - STMicroelectronics LD1585C Datasheet HTML 5Page - STMicroelectronics LD1585C Datasheet HTML 6Page - STMicroelectronics LD1585C Datasheet HTML 7Page - STMicroelectronics LD1585C Datasheet HTML 8Page - STMicroelectronics LD1585C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LD1585C SERIES
3/17
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
TO-220
D2PAK
D2PAK/A
TO-220
D2PAK (*)
D2PAK/A (*)
OUTPUT VOLTAGE
LD1585CV15
LD1585CD2T15
LD1585CD2M15
1.5 V
LD1585CV18
LD1585CD2T18
LD1585CD2M18
1.8 V
LD1585CV25
LD1585CD2T25
LD1585CD2M25
2.5 V
LD1585CV28
LD1585CD2T28
LD1585CD2M28
2.85 V
LD1585CV33
LD1585CD2T33
LD1585CD2M33
3.3 V
LD1585CV50
LD1585CD2T50
LD1585CD2M50
5.0 V
LD1585CV80
LD1585CD2T80
LD1585CD2M80
8.0 V
LD1585CV90
LD1585CD2T90
LD1585CD2M90
9.0 V
LD1585CV12
LD1585CD2T120
LD1585CD2M120
12.0 V
LD1585CV
LD1585CD2T
LD1585CD2M
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com