Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2980 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD2980
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2980 Datasheet(HTML) 1 Page - STMicroelectronics

  LD2980 Datasheet HTML 1Page - STMicroelectronics LD2980 Datasheet HTML 2Page - STMicroelectronics LD2980 Datasheet HTML 3Page - STMicroelectronics LD2980 Datasheet HTML 4Page - STMicroelectronics LD2980 Datasheet HTML 5Page - STMicroelectronics LD2980 Datasheet HTML 6Page - STMicroelectronics LD2980 Datasheet HTML 7Page - STMicroelectronics LD2980 Datasheet HTML 8Page - STMicroelectronics LD2980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
September 2003
s
STABLE WITH LOW ESR CERAMIC
CAPACITORS
s
ULTRA LOW DROPOUT VOLTAGE (0.12V
TYP. AT 50mA LOAD, 7mV TYP. AT 1mA
LOAD)
s
VERY LOW QUIESCENT CURRENT (80µA
TYP. AT NO LOAD IN ON MODE; MAX 1µA
IN OFF MODE)
s
GUARANTEED OUTPUT CURRENT UP TO
50mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGE OF 1.5; 1.8; 2.5; 2.85;
3.0; 3.2; 3.3; 3.6; 3.8; 4.0; 4.7; 4.85; 5.0V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
± 0.5% TOLERANCE OUTPUT VOLTAGE
AVAILABLE (A VERSION)
s
OUTPUT LOW NOISE VOLTAGE 160µVRMS
s
TEMPERATURE RANGE: -40 TO 125°C
s
SMALLEST PACKAGE SOT23-5L AND
SOT-89
s
FAST DYNAMIC RESPONSE TO LINE AND
LOAD CHANGES
DESCRIPTION
The LD2980 series are 50mA fixed-output voltage
regulator. The low drop-voltage and the ultra low
quiescent current make them suitable for low
noise, low power applications and in battery
powered systems.
The quiescent current in sleep mode is less than
1µA when INHIBIT pin is pulled low. Shutdown
Logic Control function is available on pin n.3 (TTL
compatible). This means that when the device is
used as local regulator, it is possible to put a part
of the board in standby, decreasing the total
power consumption. The LD2980 is designed to
work with low ESR ceramic capacitor. Typical
applications are in cellular phone, palmtop/laptop
computer,
personal
digital
assistant
(PDA),
personal stereo, camcorder and camera.
LD2980
SERIES
ULTRA LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LOW ESR OUTPUT CAPACITORS COMPATIBLE
SCHEMATIC DIAGRAM
SOT23-5L
SOT-89


Similar Part No. - LD2980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2980ABM30TR STMICROELECTRONICS-LD2980ABM30TR Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2980ABM33TR STMICROELECTRONICS-LD2980ABM33TR Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2980ABM36TR STMICROELECTRONICS-LD2980ABM36TR Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2980ABM50TR STMICROELECTRONICS-LD2980ABM50TR Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2980ABU30TR STMICROELECTRONICS-LD2980ABU30TR Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
More results

Similar Description - LD2980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com