Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2980 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD2980
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2980 Datasheet(HTML) 4 Page - STMicroelectronics

  LD2980 Datasheet HTML 1Page - STMicroelectronics LD2980 Datasheet HTML 2Page - STMicroelectronics LD2980 Datasheet HTML 3Page - STMicroelectronics LD2980 Datasheet HTML 4Page - STMicroelectronics LD2980 Datasheet HTML 5Page - STMicroelectronics LD2980 Datasheet HTML 6Page - STMicroelectronics LD2980 Datasheet HTML 7Page - STMicroelectronics LD2980 Datasheet HTML 8Page - STMicroelectronics LD2980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD2980 SERIES
4/17
ELECTRICAL CHARACTERISTICS FOR LD2980AB (Tj = 25°C, VI =VO(NOM) +1V, CI =1µF(X7R),
CO =2.2µF(X7R), IO =1mA, VINH = 2V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOP
Operating Input Voltage
2.5
16
V
VO
Output Voltage
IO = 1 mA
2.487
2.5
2.513
V
IO = 1 to 50 mA
2.481
2.519
IO =1to 50mA
TJ= -40 to 125°C
2.437
2.562
VO
Output Voltage
IO = 1 mA
2.835
2.85
2.864
V
IO = 1 to 50 mA
2.828
2.871
IO =1to 50mA
TJ= -40 to 125°C
2.779
2.921
VO
Output Voltage
IO = 1 mA
2.985
3
3.015
V
IO = 1 to 50 mA
2.978
3.023
IO =1to 50mA
TJ= -40 to 125°C
2.925
3.075
VO
Output Voltage
IO = 1 mA
3.184
3.2
3.216
V
IO = 1 to 50 mA
3.176
3.224
IO =1to 50mA
TJ= -40 to 125°C
3.12
3.28
VO
Output Voltage
IO = 1 mA
3.284
3.3
3.317
V
IO = 1 to 50 mA
3.275
3.325
IO =1to 50mA
TJ= -40 to 125°C
3.217
3.383
VO
Output Voltage
IO = 1 mA
3.582
3.6
3.618
V
IO = 1 to 50 mA
3.573
3.627
IO =1to 50mA
TJ= -40 to 125°C
3.51
3.690
VO
Output Voltage
IO = 1 mA
3.781
3.8
3.819
V
IO = 1 to 50 mA
3.772
3.829
IO =1to 50mA
TJ= -40 to 125°C
3.705
3.895
VO
Output Voltage
IO = 1 mA
3.98
4
4.02
V
IO = 1 to 50 mA
3.97
4.03
IO =1to 50mA
TJ= -40 to 125°C
3.9
4.1
VO
Output Voltage
IO = 1 mA
4.677
4.7
4.724
V
IO = 1 to 50 mA
4.665
4.735
IO =1to 50mA
TJ= -40 to 125°C
4.582
4.818
VO
Output Voltage
IO = 1 mA
4.826
4.85
4.874
V
IO = 1 to 50 mA
4.814
4.886
IO =1to 50mA
TJ= -40 to 125°C
4.729
4.971
VO
Output Voltage
IO = 1 mA
4.975
5
5.025
V
IO = 1 to 50 mA
4.963
5.038
IO =1to 50mA
TJ= -40 to 125°C
4.875
5.125
∆V
O
Line Regulation
VO(NOM) +1 <VIN <16 V IO = 1 mA
0.003
0.014
%/V
TJ= -40 to 125°C
0.032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com