Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2980 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD2980
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2980 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD2980 Datasheet HTML 2Page - STMicroelectronics LD2980 Datasheet HTML 3Page - STMicroelectronics LD2980 Datasheet HTML 4Page - STMicroelectronics LD2980 Datasheet HTML 5Page - STMicroelectronics LD2980 Datasheet HTML 6Page - STMicroelectronics LD2980 Datasheet HTML 7Page - STMicroelectronics LD2980 Datasheet HTML 8Page - STMicroelectronics LD2980 Datasheet HTML 9Page - STMicroelectronics LD2980 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD2980 SERIES
6/17
ELECTRICAL CHARACTERISTICS FOR LD2980C (Tj = 25°C, VI =VO(NOM) +1V, CI =1µF(X7R),
CO =2.2µF(X7R), IO =1mA, VINH = 2V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOP
Operating Input Voltage
2.5
16
V
VO
Output Voltage
IO = 1 mA
1.478
1.5
1.522
V
IO = 1 to 50 mA
1.470
1.530
IO =1to 50mA
TJ= -40 to 125°C
1.445
1.555
VO
Output Voltage
IO = 1 mA
1.782
1.8
1.818
V
IO = 1 to 50 mA
1.773
1.827
IO =1to 50mA
TJ= -40 to 125°C
1.737
1.863
VO
Output Voltage
IO = 1 mA
2.475
2.5
2.525
V
IO = 1 to 50 mA
2.463
2.538
IO =1to 50mA
TJ= -40 to 125°C
2.412
2.587
VO
Output Voltage
IO = 1 mA
2.822
2.85
2.879
V
IO = 1 to 50 mA
2.807
2.893
IO =1to 50mA
TJ= -40 to 125°C
2.75
2.949
VO
Output Voltage
IO = 1 mA
2.97
3
3.03
V
IO = 1 to 50 mA
2.955
3.045
IO =1to 50mA
TJ= -40 to 125°C
2.895
3.105
VO
Output Voltage
IO = 1 mA
3.168
3.2
3.232
V
IO = 1 to 50 mA
3.152
3.248
IO =1to 50mA
TJ= -40 to 125°C
3.088
3.312
VO
Output Voltage
IO = 1 mA
3.267
3.3
3.333
V
IO = 1 to 50 mA
3.251
3.35
IO =1to 50mA
TJ= -40 to 125°C
3.184
3.415
VO
Output Voltage
IO = 1 mA
3.564
3.6
3.636
V
IO = 1 to 50 mA
3.546
3.654
IO =1to 50mA
TJ= -40 to 125°C
3.474
3.726
VO
Output Voltage
IO = 1 mA
3.76
3.8
3.838
V
IO = 1 to 50 mA
3.743
3.857
IO =1to 50mA
TJ= -40 to 125°C
3.667
3.933
VO
Output Voltage
IO = 1 mA
3.96
4
4.04
V
IO = 1 to 50 mA
3.94
4.06
IO =1to 50mA
TJ= -40 to 125°C
3.86
4.14
VO
Output Voltage
IO = 1 mA
4.653
4.7
4.747
V
IO = 1 to 50 mA
4.630
4.771
IO =1to 50mA
TJ= -40 to 125°C
4.535
4.864
VO
Output Voltage
IO = 1 mA
4.802
4.85
4.899
V
IO = 1 to 50 mA
4.777
4.923
IO =1to 50mA
TJ= -40 to 125°C
4.68
5.02
VO
Output Voltage
IO = 1 mA
4.95
5
5.05
V
IO = 1 to 50 mA
4.925
5.075
IO =1to 50mA
TJ= -40 to 125°C
4.825
5.175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com