Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2980 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD2980
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2980 Datasheet(HTML) 5 Page - STMicroelectronics

  LD2980 Datasheet HTML 1Page - STMicroelectronics LD2980 Datasheet HTML 2Page - STMicroelectronics LD2980 Datasheet HTML 3Page - STMicroelectronics LD2980 Datasheet HTML 4Page - STMicroelectronics LD2980 Datasheet HTML 5Page - STMicroelectronics LD2980 Datasheet HTML 6Page - STMicroelectronics LD2980 Datasheet HTML 7Page - STMicroelectronics LD2980 Datasheet HTML 8Page - STMicroelectronics LD2980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD2980 SERIES
5/17
(NOTE 1): For Vo < 2.5V dropout voltage can be calculated according to the minimum input voltage in full temperature range.
IQ
Quiescent Current
ON MODE
IO = 0
80
100
µA
IO =0
TJ= -40 to 125°C
150
IO = 1 mA
100
150
IO =1mA
TJ= -40 to 125°C
200
IO = 10 mA
175
250
IO =10 mA
TJ= -40 to 125°C
450
IO = 50 mA
500
700
IO =50 mA
TJ= -40 to 125°C
1200
OFF MODE
VINH < 0.18 V
0
VINH < 0.18 V
TJ= -40 to 125°C
1
VDROP Dropout Voltage (NOTE 1)
IO =0
1
3
mV
IO =0
TJ= -40 to 125°C
5
IO =1mA
7
10
IO =1mA
TJ= -40 to 125°C
15
IO = 10mA
40
60
IO = 10mA
TJ= -40 to 125°C
90
IO = 50mA
120
150
IO = 50mA
TJ= -40 to 125°C
225
ISC
Short Circuit Current
RL = 0
150
mA
SVR
Supply Voltage Rejection
CO =10µFf = 1KHz
63
dB
VINH
Inhibit Input Logic Low
LOW = Output OFF
TJ= -40 to 125°C
0.8
0.18
V
VINL
Inhibit Input Logic High
HIGH = Output ON
TJ= -40 to 125°C
1.6
1.3
V
IINH
Inhibit Input Current
VINH =0V
TJ= -40 to 125°C
0-1
µA
VINH =5V
TJ= -40 to 125°C
515
eN
Output Noise Voltage
BW = 300 Hz to 50 KHz
CO =10 µF
160
µV
RMS
TSHDN Thermal Shutdown
170
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com