Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PW12-R00 Datasheet(PDF) 36 Page - Lumileds Lighting Company

Part # LXK2-PW12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PW12-R00 Datasheet(HTML) 36 Page - Lumileds Lighting Company

Back Button LXK2-PW12-R00 Datasheet HTML 32Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 33Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 34Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 35Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 36Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 37Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 38Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 39Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 40Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
36
LUXEON K2 CoolWhite Bin Structure, Continued
CoolWhite LUXEON K2 Emitters are tested and binned by x,y coordinates.
19 Color Bins, CCT Range 10,000K to 4,500K
Table 11.
C
Co
oo
oll W
Wh
hiitte
e B
Biin
n S
Sttrru
uc
cttu
urre
e
T
Ty
yp
piic
ca
all C
CC
CT
T
T
Ty
yp
piic
ca
all C
CC
CT
T
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
0.274238
0.300667
0.318606
0.310201
Y0
0.303051
0.332708
8000
WQ
0.329393
0.320211
6000
0.307553
0.310778
0.329544
0.310495
0.282968
0.283772
0.319597
0.301303
0.282968
0.283772
0.328636
0.368952
YA
0.307553
0.310778
8000
VM
0.348147
0.385629
5300
0.311163
0.293192
0.346904
0.371742
0.289922
0.270316
0.328823
0.356917
0.301093
0.342244
0.328823
0.356917
XM
0.313617
0.354992
6700
VN
0.346904
0.371742
5300
0.314792
0.344438
0.345781
0.359190
0.303051
0.332708
0.329006
0.345092
0.303051
0.332708
0.329006
0.345092
XN
0.314792
0.344438
6700
V0
0.345781
0.359190
5300
0.316042
0.333222
0.344443
0.344232
0.305170
0.322386
0.329220
0.331331
0.305170
0.322386
0.329220
0.331331
X0
0.316042
0.333222
6700
VP
0.344443
0.344232
5300
0.317466
0.320438
0.343352
0.332034
0.307553
0.310778
0.329393
0.320211
0.307553
0.310778
0.348147
0.385629
XP
0.317466
0.320438
6700
UM
0.367294
0.400290
4750
0.319597
0.301303
0.364212
0.382878
0.311163
0.293192
0.346904
0.371742
0.313617
0.354992
0.346904
0.371742
WM
0.328636
0.368952
6000
UN
0.364212
0.382878
4750
0.328823
0.356917
0.362219
0.371616
0.314792
0.344438
0.345781
0.359190
0.314792
0.344438
0.345781
0.359190
WN
0.328823
0.356917
6000
U0
0.362219
0.371616
4750
0.329006
0.345092
0.359401
0.355699
0.316042
0.333222
0.344443
0.344232
0.316042
0.333222
0.344443
0.344232
W0
0.329006
0.345092
6000
UP
0.359401
0.355699
4750
0.329220
0.331331
0.357079
0.342581
0.317466
0.320438
0.343352
0.332034
0.317466
0.320438
WP
0.329220
0.331331
6000
0.329393
0.320211
0.318606
0.310201
Note for Table 11:
1.
Philips Lumileds maintains a tester tolerance of ± 0.005 on x, y color coordinates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com