Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PW12-R00 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXK2-PW12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PW12-R00 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXK2-PW12-R00 Datasheet HTML 1Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 2Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
5
Green
Blue
Royal Blue
Flux Characteristics for LUXEON K2
Junction Temperature, TJ = 25°C
Table 1.
P
Pe
errffo
orrm
ma
an
nc
ce
e a
att T
Te
es
stt C
Cu
urrrre
en
ntts
s
T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
a
att IIn
nd
diic
ca
atte
ed
d C
Cu
urrrre
en
ntt
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
T
Te
es
stt
R
Ra
ad
diio
om
me
ettrriic
c
D
Drriiv
ve
e
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
C
Co
ollo
orr
P
Pa
arrtt N
Nu
um
mb
be
err
Φ
Φ
V
V
[1] [3]
Φ
Φ
V
V
[2] [3]
((m
mA
A))
Φ
Φ
V
V
[2] [3]
((m
mA
A))
LXK2PW12R00
39.8
45
350
75
700
LXK2PW12S00
51.7
60
350
100
700
CoolWhite
LXK2PW14T00
80
85
1000
110
1500
LXK2PW14U00
87.4
100
1000
130
1500
LXK2PW14V00
113.6
120
1000
140
1500
LXK2PWN2Q00
30.6
35
350
60
700
LXK2PWN2R00
39.8
45
350
75
700
Neutral
LXK2PWN2S00
51.7
60
350
100
700
White
LXK2PWN4T00
67.2
80
1000
105
1500
LXK2PWN4U00
87.4
100
1000
130
1500
LXK2PWN4V00
113.6
120
1000
140
1500
LXK2PWW2Q00
30.6
35
350
60
700
Warm
LXK2PWW2R00
39.8
45
350
75
700
White
LXK2PWW4T00
67.2
80
1000
105
1500
LXK2PWW4U00
87.4
100
1000
130
1500
LXK2PM12R00
39.8
45
350
75
700
LXK2PM12S00
51.7
60
350
100
700
LXK2PM14U00
87.4
100
1000
130
1500
LXK2PE12Q00
30.6
35
350
60
700
LXK2PE12R00
39.8
45
350
75
700
Cyan
LXK2PE12S00
51.7
60
350
100
700
LXK2PE14T00
67.2
80
1000
105
1500
LXK2PE14U00
87.4
100
1000
130
1500
LXK2PB12K00
8.2
9.5
350
16
700
LXK2PB12L00
10.7
12.5
350
21
700
LXK2PB12M00
13.9
16
350
27
700
LXK2PB14N00
18.1
21
1000
35
1500
LXK2PB14P00
23.5
27
1000
35
1500
LXK2PB14Q00
30.6
35
1000
46
1500
LXK2PR12L00
175 mW
200 mW
350
330 mW
700
LXK2PR12M00
225 mW
290 mW
350
480 mW
700
LXK2PR14Q00
435 mW
475 mW
1000
620 mW
1500
LXK2PR14R00
515 mW
575 mW
1000
750 mW
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com