Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PW12-R00 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # LXK2-PW12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PW12-R00 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button LXK2-PW12-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 13Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
10
Electrical Characteristics at 1000mA
Part Numbers LXK2xxx4xxx, Junction Temperature, TJ = 25ºC
Table 6.
T
Ty
yp
piic
ca
all T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
D
Dy
yn
na
am
miic
c
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
R
Re
es
siis
stta
an
nc
ce
e [2]
V
Vo
olltta
ag
ge
e [3]
J
Ju
un
nc
cttiio
on
n tto
o
((V
V))
((Ω
Ω))
((m
mV
V//ooC
C))
C
Ca
as
se
e ((ooC
C//W
W))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
R
R
θθ
J
J C
C
CoolWhite
[4]
3.03
3.72
4.95
0.6
2.0
9 (13 for Star)
NeutralWhite
[4]
3.03
3.72
4.95
0.6
2.0
9 (13 for Star)
WarmWhite
[4]
3.03
3.72
4.95
0.6
2.0
9 (13 for Star)
Green
[4]
3.03
3.72
4.95
0.6
2.0
9
Cyan
[4]
3.03
3.72
4.95
0.6
2.0
9
Blue
[4]
3.03
3.72
4.95
0.6
2.0
9
Royal Blue
[4]
3.03
3.72
4.95
0.6
2.0
9
Notes for Table 6:
1.
Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figure 14.
3.
Measured between 25°C = TJ = 110°C at If = 1000 mA.
4.
The forward voltage of the LUXEON K2 LED will reduce by up to 0.50V at 1000mA during the first few hours of operation
after SMT reflow. Due to this effect, Philips Lumileds recommends current source drive for consistent and reliable perform
ance. Cross connected series/parallel arrays or voltage drivers which could result in current hogging or variation in drive
current are not recommended. Please consult your Philips Lumileds authorized distributor or Philips Lumileds Sales
Representative for further information.
Typical Electrical Characteristics at 1500mA
Part Numbers LXK2xxx4xxx, Junction Temperature, TJ = 25ºC
Table 7.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
C
Co
ollo
orr
((V
V))
CoolWhite
3.85
NeutralWhite
3.85
WarmWhite
3.85
Green
3.85
Cyan
3.85
Blue
3.85
Royal Blue
3.85
Notes for Table 7:
1.
Philips Lumileds maintains a tolerance of +/0.06V on forward voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com