Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PW12-R00 Datasheet(PDF) 20 Page - Lumileds Lighting Company

Part # LXK2-PW12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PW12-R00 Datasheet(HTML) 20 Page - Lumileds Lighting Company

Back Button LXK2-PW12-R00 Datasheet HTML 16Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 17Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 18Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 19Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 20Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 21Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 22Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 23Page - Lumileds Lighting Company LXK2-PW12-R00 Datasheet HTML 24Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
20
Typical Light Output Characteristics Over Temperature
CoolWhite, NeutralWhite and WarmWhite at Test Current
Green at Test Current
50%
60%
70%
80%
90%
100%
110%
120%
130%
140%
150%
-15
5
25
45
65
85
105
125
145
Junction Temperature, T J (°C)
White Photometric
Figure 12a. Relative light output vs. junction temperature for white.
J
Ju
un
nc
cttiio
on
n T
Te
em
mp
pe
erra
attu
urre
e,, T
TJJ =
= °°C
C
50%
60%
70%
80%
90%
100%
110%
120%
130%
140%
150%
-15
5
25
45
65
85
105
125
145
165
185
Junction Temperature, T J (°C)
Green Photometric
Figure 12b. Relative light output vs. junction temperature for green.
J
Ju
un
nc
cttiio
on
n T
Te
em
mp
pe
erra
attu
urre
e,, T
TJJ =
= °°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com