Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PD12-R00 Datasheet(PDF) 27 Page - Lumileds Lighting Company

Part # LXK2-PD12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PD12-R00 Datasheet(HTML) 27 Page - Lumileds Lighting Company

Back Button LXK2-PD12-R00 Datasheet HTML 23Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 24Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 25Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 26Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 27Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 28Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 29Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 30Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 31Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
27
Current Derating Curve for 350 mA Drive Current
Red, RedOrange and Amber
Current Derating Curve for 700 mA Drive Current
CoolWhite, NeutralWhite, WarmWhite
0
50
100
150
200
250
300
350
400
50
75
100
125
150
175
TA - Ambient Temperature (°° C)
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
175
TA - Ambient Temperature (ð C)
R
J-A=40
oC/W
R
J-A=30
oC/W
R J-A=25oC/W
R
J-A=20
oC/W
R
J-A=15
oC/W
Figure 21: Maximum forward current vs. ambient temperature, based on TJMAX = 150ºC.
Figure 22: Maximum forward current vs. ambient temperature, based on TJMAX = 150ºC.
TA - Ambient Temperature (ºC)
R
R
θθ
J
J A
A=
=4
40
0ººC
C//W
W
R
R
θθ
J
J A
A=
=3
30
0ººC
C//W
W
R
R
θθ
J
J A
A=
=2
25
5ººC
C//W
W
R
R
θθ
J
J A
A=
=2
20
0ººC
C//W
W
R
R
θθ
J
J A
A=
=1
15
5ººC
C//W
W
R
R
θθ
J
J A
A=
=5
50
0ººC
C//W
W
R
R
θθ
J
J A
A=
=4
40
0ººC
C//W
W
R
R
θθ
J
J A
A=
=3
30
0ººC
C//W
W
TA - Ambient Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com