Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PD12-R00 Datasheet(PDF) 25 Page - Lumileds Lighting Company

Part # LXK2-PD12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PD12-R00 Datasheet(HTML) 25 Page - Lumileds Lighting Company

Back Button LXK2-PD12-R00 Datasheet HTML 21Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 22Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 23Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 24Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 25Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 26Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 27Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 28Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 29Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
25
Relative Luminous Flux vs. Forward Current for Red, RedOrange
and Amber, Junction Temperature, TJ = 25°C
Note for Figure 18:
Driving these high power devices at currents less than the test conditions (350 mA or 1000 mA) may produce
unpredictable results and may be subject to variation in performance. Pulse width modulation (PWM) is recommended
for dimming effects.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
700
800
If - Forward Current (mA)
Figure 18: Relative luminous flux or radiometric power vs. forward current for red, redorange and amber
at TJ = 25ºC maintained, test current 350 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com