Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PD12-R00 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # LXK2-PD12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PD12-R00 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button LXK2-PD12-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 13Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 14Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 15Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 16Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Mechanical Dimensions—SMT 4Lead Gullwing Form
Notes for Figure 1:
1.
The anode side of the device is denoted by the chamfer on the part body. Electrical insulation between the case and the
board is required—slug of the device is not electrically neutral. Do not electrically connect either the anode or cathode to
the slug.
2.
Do not handle the device by the lens except as described in Philips Lumileds document AB29.
3.
Drawings not to scale.
4.
All dimensions are in millimeters.
5.
All dimensions without tolerances are for reference only.
6.
Recommended solder paste thickness of 0.15mm.
LUXEON K2 Datasheet DS51 (7/07)
13
Figure 1. 4lead Gullwing Package Outline Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com