Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PD12-R00 Datasheet(PDF) 38 Page - Lumileds Lighting Company

Part # LXK2-PD12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PD12-R00 Datasheet(HTML) 38 Page - Lumileds Lighting Company

Back Button LXK2-PD12-R00 Datasheet HTML 33Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 34Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 35Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 36Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 37Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 38Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 39Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 40Page - Lumileds Lighting Company LXK2-PD12-R00 Datasheet HTML 41Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
38
LUXEON K2 NeutralWhite Bin Structure, Continued
NeutralWhite LUXEON K2 Emitters are tested and binned by x,y coordinates.
12 Color Bins, CCT Range 4,500K to 3,500K
Table 12.
N
Ne
eu
uttrra
all W
Wh
hiitte
e B
Biin
n S
Sttrru
uc
cttu
urre
e
T
Ty
yp
piic
ca
all C
CC
CT
T
T
Ty
yp
piic
ca
all C
CC
CT
T
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
0.367294
0.400290
0.378264
0.382458
TM
0.385953
0.412995
4300
S0
0.392368
0.390932
3950
0.381106
0.393747
0.387071
0.373899
0.364212
0.382878
0.374075
0.365822
0.364212
0.382878
0.374075
0.365822
TN
0.381106
0.393747
4300
SP
0.387071
0.373899
3950
0.378264
0.382458
0.382598
0.359515
0.362219
0.371616
0.370582
0.351953
0.362219
0.371616
0.402270
0.422776
T0
0.378264
0.382458
4300
RM
0.420940
0.432618
3650
0.374075
0.365822
0.414776
0.416097
0.359401
0.355699
0.396279
0.403508
0.359401
0.355699
0.396279
0.403508
TP
0.374075
0.365822
4300
RN
0.414776
0.416097
3650
0.370582
0.351953
0.408593
0.399525
0.357079
0.342581
0.392368
0.390932
0.385953
0.412995
0.392368
0.390932
SM
0.402270
0.422776
3950
R0
0.408593
0.399525
3650
0.396279
0.403508
0.402113
0.382156
0.381106
0.393747
0.387071
0.373899
0.381106
0.393747
0.387071
0.373899
SN
0.396279
0.403508
3950
RP
0.402113
0.382156
3650
0.392368
0.390932
0.396564
0.367284
0.378264
0.382458
0.382598
0.359515
Note for Table 12:
1.
Philips Lumileds maintains a tester tolerance of ± 0.005 on x, y color coordinates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com