Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PL12-R00 Datasheet(PDF) 29 Page - Lumileds Lighting Company

Part # LXK2-PL12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PL12-R00 Datasheet(HTML) 29 Page - Lumileds Lighting Company

Back Button LXK2-PL12-R00 Datasheet HTML 25Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 26Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 27Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 28Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 29Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 30Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 31Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 32Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 33Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
29
Current Derating Curve for 1000 mA Drive Current
CoolWhite, NeutralWhite, WarmWhite, Green, Cyan, Blue and Royal Blue
Current Derating Curve for 1500 mA Drive Current
CoolWhite, NeutralWhite, WarmWhite, Green, Cyan, Blue and Royal Blue
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
175
TA - Ambient Temperature (°C)
Figure 25: Maximum forward current vs. ambient temperature, based on TJMAX = 150ºC.
R
R
θθ
J
J A
A=
=3
30
0ººC
C//W
W
R
R
θθ
J
J A
A=
=2
25
5ººC
C//W
W
R
R
θθ
J
J A
A=
=2
20
0ººC
C//W
W
R
R
θθ
J
J A
A=
=1
15
5ººC
C//W
W
0
300
600
900
1200
1500
1800
0
25
50
75
100
125
150
175
TA - Ambient Temperature (°C)
Figure 26: Maximum forward current vs. ambient temperature, based on TJMAX = 150ºC.
R
R
θθ
J
J A
A=
=2
20
0ººC
C//W
W
R
R
θθ
J
J A
A=
=1
15
5ººC
C//W
W
TA - Ambient Temperature (ºC)
TA - Ambient Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com