Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PL12-R00 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXK2-PL12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PL12-R00 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXK2-PL12-R00 Datasheet HTML 1Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 2Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
3
Product Nomenclature
The LUXEON K2 is available in two configurations, one tested and binned at 350 mA and a second tested and binned at 1000
mA. Due to production distribution and variance it is difficult to accurately correlate product performance across a broad drive
current range. This is one of the reasons Philips Lumileds has elected to offer multiple test current options of the LUXEON K2 to
better service our customers.
The part number designation is explained as follows:
L X K 2
A B C D
E F G for LUXEON K2 Emitter
L 2 K 2
A B C D
E F G H for LUXEON K2 Star
Where:
A — designates radiation pattern (value P for Lambertian)
B — designates color (see Philips Lumileds AB21)
C — designates color variant (1 for direct colors and CoolWhite, N for NeutralWhite, and W for WarmWhite
D — designates test current (value 2 for 350 mA, value 4 for 1000 mA)
E — designates minimum flux bin for LUXEON K2 Emitter (see Philips Lumileds AB21)
F — designates minimum flux bin for LUXEON K2 Star product (see Philips Lumileds AB21), Reserved for future product offer
ings in LUXEON K2 Emitter
G and H — Reserved for future product offerings.
Products tested and binned at 350 mA follow the part numbering scheme:
L X K 2
x x x 2
x x x (L2K2
xxx2
11
Bxxx for LUXEON K2 Star)
For these products typical performance is also listed for 700 mA operation.
Products tested and binned at 1000 mA follow the part numbering scheme:
L X K 2
x x x 4
x x x (L2K2
xxx4
11
Bxxx for LUNXEON K2 Star)
For these products typical performance is also listed for 1500 mA operation.
Both versions of this product are capable of operation over the entire drive current range, up to 1500 mA for coolwhite,
neutral white, warmwhite, green, cyan, blue and royal blue and up to 700 mA for red, redorange and amber.
In addition, multiple minimum performance levels of both products are available. Digit "E" (Digit "F" for K2 Star Product) in the
partnumbering scheme above, specifying the minimum performance flux bin, designates the performance option.
Average Lumen Maintenance Characteristics
Lifetime for solidstate lighting devices (LEDs) is typically defined in terms of lumen maintenance—the percentage of initial light
output remaining after a specified period of time.
Philips Lumileds projects that white LUXEON K2 products will deliver, on average, 70% lumen maintenance at 50,000 hours of
operation at a forward current of 1000 mA. This projection is based on constant current operation with junction temperature
maintained at or below 120°C. Philips Lumileds projects that green, blue, cyan and royal blue LUXEON K2 products will deliver,
on average, 70% lumen maintenance at 50,000 hours of operation at a forward current of 1000 mA. This projection is based on
constant current operation with junction temperature maintained at or below 150°C. Philips Lumileds projects that red, red
orange and amber LUXEON K2 products will deliver, on average, 70% lumen maintenance at 50,000 hours of operation at a
forward current of 350 mA. This projection is based on constant current operation with junction temperature maintained at or
below 120°C.
This performance is based on independent test data, Philips Lumileds historical data from tests run on similar material systems,
and internal LUXEON reliability testing. Observation of design limits included in this data sheet is required in order to achieve this
projected lumen maintenance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com