Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PL12-R00 Datasheet(PDF) 12 Page - Lumileds Lighting Company

Part # LXK2-PL12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PL12-R00 Datasheet(HTML) 12 Page - Lumileds Lighting Company

Back Button LXK2-PL12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 13Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 14Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 15Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 16Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
12
JEDEC Moisture Sensitivity
Table 9.
S
So
oa
ak
k R
Re
eq
qu
uiirre
em
me
en
ntts
s
L
Le
ev
ve
ell
F
Fllo
oo
orr L
Liiffe
e
S
Stta
an
nd
da
arrd
d
A
Ac
cc
ce
elle
erra
atte
ed
d E
En
nv
viirro
on
nm
me
en
ntt
T
Tiim
me
e
C
Co
on
nd
diittiio
on
ns
s
T
Tiim
me
e
C
Co
on
nd
diittiio
on
ns
s
T
Tiim
me
e
C
Co
on
nd
diittiio
on
ns
s
((h
ho
ou
urrs
s))
((h
ho
ou
urrs
s))
2a
4
≤ 30°C /
696
[1]
30°C / 60%
120
60°C / 60%
weeks
60% RH
+ 5/0
RH
+1/0
RH
Notes for Table 9:
1.
The standard soak time includes a default value of 24 hours for semiconductor manufacturer's exposure time (MET)
between bake and bag and includes the maximum time allowed out of the bag at the distributor's facility.
Reflow Soldering Characteristics
Table 10.
P
Prro
offiille
e F
Fe
ea
attu
urre
e
L
Le
ea
ad
d F
Frre
ee
e A
As
ss
se
em
mb
blly
y
Average RampUp Rate (Tsmax to Tp)
3°C / second max
Preheat Temperature Min (Tsmin)
150°C
Preheat Temperature Max (Tsmax)
200°C
Preheat Time (tsmin to tsmax)
60
180 seconds
Temperature (TL)
217°C
Time Maintained Above Temperature (TL)
60
150 seconds
Peak / Classification Temperature (TP)
260°C
Time Within 5°C of Actual Peak Temperature (TP)
20
40 seconds
Ramp
Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Notes for Table 10:
1.
All temperatures refer to topside of the package, measured on the package body surface.
JEDEC 020c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com