Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PL12-R00 Datasheet(PDF) 40 Page - Lumileds Lighting Company

Part # LXK2-PL12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PL12-R00 Datasheet(HTML) 40 Page - Lumileds Lighting Company

Back Button LXK2-PL12-R00 Datasheet HTML 33Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 34Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 35Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 36Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 37Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 38Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 39Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 40Page - Lumileds Lighting Company LXK2-PL12-R00 Datasheet HTML 41Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
40
LUXEON K2 WarmWhite Bin Structure, Continued
WarmWhite LUXEON K2 Emitters are tested and binned by x,y coordinates.
16 Color Bins, CCT Range 3,500K to 2,670K
Table 13.
W
Wa
arrm
m W
Wh
hiitte
e B
Biin
n S
Sttrru
uc
cttu
urre
e
T
Ty
yp
piic
ca
all C
CC
CT
T
T
Ty
yp
piic
ca
all C
CC
CT
T
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
B
Biin
n C
Co
od
de
e
X
X
Y
Y
((K
K))
0.420940
0.432618
0.453820
0.445980
QM
0.438458
0.440399
3375
NM
0.470507
0.450832
2950
0.431186
0.423386
0.461404
0.433334
0.414776
0.416097
0.445639
0.428680
0.414776
0.416097
0.445639
0.428680
QN
0.431186
0.423386
3375
NN
0.461404
0.433334
2950
0.423956
0.406472
0.452512
0.416241
0.408593
0.399525
0.437578
0.411632
0.408593
0.399525
0.437578
0.411632
Q0
0.423956
0.406472
3375
N0
0.452512
0.416241
2950
0.416487
0.389001
0.443600
0.399111
0.402113
0.382156
0.429373
0.394281
0.402113
0.382156
0.429373
0.394281
QP
0.416487
0.389001
3375
NP
0.443600
0.399111
2950
0.409996
0.373814
0.435591
0.383714
0.396564
0.367284
0.422124
0.378952
0.438458
0.440399
0.470507
0.450832
PM
0.453820
0.445980
3150
MM
0.486648
0.454191
2760
0.445639
0.428680
0.476733
0.436634
0.431186
0.423386
0.461404
0.433334
0.431186
0.423386
0.461404
0.433334
PN
0.445639
0.428680
3150
MN
0.476733
0.436634
2760
0.437578
0.411632
0.467132
0.419632
0.423956
0.406472
0.452512
0.416241
0.423956
0.406472
0.452512
0.416241
P0
0.437578
0.411632
3150
M0
0.467132
0.419632
2760
0.429373
0.394281
0.457663
0.402866
0.416487
0.389001
0.443600
0.399111
0.416487
0.389001
0.443600
0.399111
PP
0.429373
0.394281
3150
MP
0.457663
0.402866
2760
0.422124
0.378952
0.448994
0.387515
0.409996
0.373814
0.435591
0.383714
Note for Table 13:
1.
Philips Lumileds maintains a tester tolerance of ± 0.005 on x, y color coordinates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com