Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5960 Datasheet(PDF) 2 Page - EPCOS

Part # B5960
Description  PTC Thermistors for Overcurrent Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5960 Datasheet(HTML) 2 Page - EPCOS

  B5960 Datasheet HTML 1Page - EPCOS B5960 Datasheet HTML 2Page - EPCOS B5960 Datasheet HTML 3Page - EPCOS B5960 Datasheet HTML 4Page - EPCOS B5960 Datasheet HTML 5Page - EPCOS B5960 Datasheet HTML 6Page - EPCOS B5960 Datasheet HTML 7Page - EPCOS B5960 Datasheet HTML 8Page - EPCOS B5960 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Applications
Overcurrent protection
Short-circuit protection
Features
Thermistor chip with lead-free tinned
terminations
Small size
Short response times
Suitable for reflow soldering only
Suitable for automatic placement
RoHS-compatible
Delivery mode
Blister tape, 180-mm reel
Dimensional drawing
Dimensions in mm
Geometry of solder pad
Recommended maximum dimensions (mm)
General technical data
Switching cycles
N
100
Tolerance of RR
(for A606, A607, A707, A807)
∆R
R
±25
%
Tolerance of RR
(for A907)
∆R
R
±35
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax, for A606/607, A707/807)
Top
0/+60
°C
Operating temperature range
(V = Vmax, for A907)
Top
40/+85
°C
Overcurrent protection
SMDs, EIA size 1210, 24 V, 63 V and 230 V
A606/607, A707, A807, A907
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com