Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5960 Datasheet(PDF) 5 Page - EPCOS

Part # B5960
Description  PTC Thermistors for Overcurrent Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5960 Datasheet(HTML) 5 Page - EPCOS

  B5960 Datasheet HTML 1Page - EPCOS B5960 Datasheet HTML 2Page - EPCOS B5960 Datasheet HTML 3Page - EPCOS B5960 Datasheet HTML 4Page - EPCOS B5960 Datasheet HTML 5Page - EPCOS B5960 Datasheet HTML 6Page - EPCOS B5960 Datasheet HTML 7Page - EPCOS B5960 Datasheet HTML 8Page - EPCOS B5960 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Characteristics (typical) for A606, A607 and A707
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)
Overcurrent protection
SMDs, EIA size 1210, 24 V, 63 V and 230 V
A606/607, A707, A807, A907
Page 5 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com