Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5960 Datasheet(PDF) 3 Page - EPCOS

Part # B5960
Description  PTC Thermistors for Overcurrent Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5960 Datasheet(HTML) 3 Page - EPCOS

  B5960 Datasheet HTML 1Page - EPCOS B5960 Datasheet HTML 2Page - EPCOS B5960 Datasheet HTML 3Page - EPCOS B5960 Datasheet HTML 4Page - EPCOS B5960 Datasheet HTML 5Page - EPCOS B5960 Datasheet HTML 6Page - EPCOS B5960 Datasheet HTML 7Page - EPCOS B5960 Datasheet HTML 8Page - EPCOS B5960 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1)
Measured on component soldered to standardized PCB
Electrical specifications and ordering codes
Type
IR 1)
mA
IS1)
mA
ISmax
(V = Vmax)
A
Tref
°C
RR
Ω
Rmin
Ω
Ordering code
Vmax = 30 VDC or VAC , VR = 24 VDC or VAC
A606
90
180
0.5
110
27
17
B59606A0110A062
A607
70
130
0.4
120
55
30
B59607A0120A062
Vmax = 80 VDC or VAC , VR = 63 VDC or VAC
A707
50
90
0.3
120
125
75
B59707A0120A062
Vmax = 265 VDC or VAC , VR = 230 VDC or VAC
A807
15
40
0.2
90
400
200
B59807A0090A062
Vmax = 400 VDC or VAC , VR = 230 VDC or VAC
A907
12
22
0.15
125
1500
640
B59907A0120A062
Overcurrent protection
SMDs, EIA size 1210, 24 V, 63 V and 230 V
A606/607, A707, A807, A907
Page 3 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com