Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5960 Datasheet(PDF) 4 Page - EPCOS

Part # B5960
Description  PTC Thermistors for Overcurrent Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5960 Datasheet(HTML) 4 Page - EPCOS

  B5960 Datasheet HTML 1Page - EPCOS B5960 Datasheet HTML 2Page - EPCOS B5960 Datasheet HTML 3Page - EPCOS B5960 Datasheet HTML 4Page - EPCOS B5960 Datasheet HTML 5Page - EPCOS B5960 Datasheet HTML 6Page - EPCOS B5960 Datasheet HTML 7Page - EPCOS B5960 Datasheet HTML 8Page - EPCOS B5960 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, ISmax; Vmax
Number of cycles: 100
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax /Top
Test duration : 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 10%
Rapid change
of temperature
IEC 60738-1
T = TLCT, T = TUCT
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, Test Na
< 10%
Vibration
IEC 60738-1
Frequency range: 10 to 55 Hz
Displacement amplitude: 0.75 mm
Test duration: 3 · 2 h
Test according to IEC 60028-2-6, Test Fc
< 5%
Bump
IEC 60738-1
Pulse shape: half-sine
Acceleration: 50 g
Pulse duration: 1 ms; 6 · 3 pulses
Test according to IEC 60068-2-29
< 5%
Climatic sequence
IEC 60738-1
Dry heat: T = TUCT
Test duration: 16 h
Damp heat first cycle
Cold: T = TLCT
Test duration: 2 h
Damp heat 5 cycles
Tests performed according to
IEC 60068-2-30
< 10%
Bending test
EN 130000/4.35
Components reflow-soldered to test board
Maximum bending: 2 mm
< 10%
Overcurrent protection
SMDs, EIA size 1210, 24 V, 63 V and 230 V
A606/607, A707, A807, A907
Page 4 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com