Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS300A/12 Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MFS300A/12
Description  RECTIFIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MFS300A/12 Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  MFS300A/12 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rating and Characteristic
Fig.7
Fig.8
Fig.10
Fig.9
1.00
0.2
0.4
0.6
0.8
1
1.2
1
10
100
Cycles at 50Hz
Surge Current Vs.Cycles
5.1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1
10
Time,m.seconds
I
2t Vs.Time
Gate current,IGT mA0
125癈
25癈
-10癈
-30癈
Gate Trigger Zone at variestemperature
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Gate current,IGT A
max.
min.
PGM=50W
(100 s pulse)
PG2W
Gate characteristic at 25 junction
t e m p er a tu re
MFS300A/12
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com