Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS300A/12 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MFS300A/12
Description  RECTIFIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MFS300A/12 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  MFS300A/12 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic
Fig.1
Fig.2
Fig.5
Fig.6
Fig.4
Fig.3
0.65
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.001
0.01
0.1
1
10
time,S
MTC40
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
10
100
1000
Instantaneous on-state currant,amperes
MTC40
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
Mean on-state current,amperes
30
60
90
120
180
MTC40
0
20
40
60
80
0
10
20
30
40
50
60
Mean on-state current,amperes
30
60
90
120
180
270
DC
0
20
40
60
80
100
120
140
0
20
40
60
80
Mean on-state current,amperes
30
60
90
120
180
MTC40
0
20
40
60
80
100
120
140
0
30
60
90
120
Mean on-state current,amperes
D
270
180
120
90
60
30
M ax.junctionTocase Ther m ai Im pedance Vs.Time
360
Conduction Angle
Max.Powe r Dissipation Vs.Mean On- state Curr ent
Max.Power Dissipation Vs.Mean On-state Current
Conduction Angle
180
0
Max.case Temperature Vs.Mean On-state Current
Conduction Angle
180
0
Max.case Temperature Vs.Mean On-state Current
360
Conduction Angle
Peak On-state Voltage Vs.Peak On-state Current
Tj=125°
C
MFS300A/12
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com