Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS300A/12 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MFS300A/12
Description  RECTIFIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MFS300A/12 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MFS300A/12 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■
特征 F eatures
低反向漏
电流
Low reverse leakage current
高耐浪涌
电流能力
High surge current capability
符合 RoHS 指令 2011/65/EU
Compliant to RoHS directive 2011/65/EU
■
应用范围 Applications
工
业电源
Industrial power supply
工
业自动化设备
Industrial power supply
PWM 逆
变器直流电源
DC supply for PWM inverter
直流
电源设备用电源
Supplies for DC power equipment
■
机械
参数 Mechanical Data
本体:
Case : MFS
极性:极性符号铸在管体上
Polarity: Polarity symbols being marked on body
安装
扭矩:22.0 kgf.cm
Mounting torque: 22.0 kgf.cm max
重量:
约 150 克
Weight: About150 grams
■
最大
额定值 Maximum Ratings @ Ta = 25℃ unless otherwise noted
关键参数
KEY PARAMETERS
参数
PARAMETER
数值
VALUE
单位
UNIT
IF(AV)
300
A
V RRM
1 200
V
IFSM
1000
A
Package
MFS
MFS
MFS300A/12
RECTIFIER MODULE
Reverse Voltage - 1200 Volts
Forward Current - 300.0 Ampere
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn
~ ~
_
~
G7
G9
G11
OUTLINE DRAWING & CIRCUIT DIAGRAM


Similar Part No. - MFS300A/12

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
Sub-miniature Switches
logo
M-System Co.,Ltd.
MFS MSYSTEM-MFS Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
logo
KITAGAWA GmbH
MFS-1000 KGS-MFS-1000 Datasheet
332Kb / 1P
Snap-mount clip for flat cables
logo
M-System Co.,Ltd.
MFS-P-444-B MSYSTEM-MFS-P-444-B Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
MFS-P-444-B/Q MSYSTEM-MFS-P-444-B/Q Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MFS300A/12

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP7 POWER-ONE-PMP7 Datasheet
55Kb / 2P
Rectifier Module
PMP11 POWER-ONE-PMP11 Datasheet
50Kb / 2P
Rectifier Module
PMP5 POWER-ONE-PMP5 Datasheet
47Kb / 2P
Rectifier Module
PMP25 POWER-ONE-PMP25 Datasheet
103Kb / 2P
Rectifier Module
logo
eupec GmbH
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
Rectifier Diode Module
logo
IXYS Corporation
VBO52-12NO7 IXYS-VBO52-12NO7 Datasheet
165Kb / 5P
Standard Rectifier Module
logo
Inchange Semiconductor ...
MD70A ISC-MD70A Datasheet
270Kb / 3P
Rectifier Module
MD200A ISC-MD200A Datasheet
287Kb / 3P
Rectifier Module
SKKE162 ISC-SKKE162 Datasheet
273Kb / 3P
Rectifier Module
SKKE600-12 ISC-SKKE600-12 Datasheet
288Kb / 3P
Rectifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com