Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS300A/12 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MFS300A/12
Description  RECTIFIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MFS300A/12 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MFS300A/12 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. MFS300A/12 Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VFM
Peak forward voltage
IFM=300A
25
1.1
V
Rth(j-c)
Junction to heatsink
Single side cooled
0.75
°
C /W
Viso
Isolation voltage
50Hz,R.M.S,t=1min,
I iso:1mA(max)
2500
V
Terminal connection torque
N.m
Fm
Mounting torque(M5)
1.5
N.m
Tstg
Stored temperature
-40
125
°C
Wt
Weight
160
g
Outline
VTM
Peak on-state voltage
ITM= 300A
25
1.5
V
dv/dt
Critical rate of rise of off-state
voltage
VDM=67%V DRM
125
500
V/μs
di/dt
Critical rate of rise of on-state
current
From 67%V DRM
to 120A,Gate source 1.5A
tr≤0.5μs Repetitive
125
50
A/μs
IGT
Gate trigger current
30
60
mA
VGT
Gate trigger voltage
0.7
1.5
V
IH
Holding current
VA=12V,IA=1A
25
30
50
mA
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Tj(°
C)
Min
Type
Max
UNIT
IT(AV)
Mean on-state current
180° half sinewave 50Hz
Single side cooled,Tc=85°C
125
300
A
IT(RMS)
RMS on-state current
Single side cooled,Tc=85°C
125
95
A
VDRM
VRRM
Repetitive peak of f-state voltage
Repetitive peak reverse voltage
VDRM&V RRM tp=10ms
VDsM&V RsM= VDRM&V RRM+200V
respectively
125
600
1600
V
IDRM
IRRM
Repetitive peak current
at VDRM
at VRRM
125
8
mA
ITSM
Surge on-state current
0.6
KA
I
2t
I
2T for fusing coordination
10ms half sinewave
VR=60%V RRM
125
5.10 A
2s*103
VTO
Threshold voltage
0.85
V
rT
On-state slop resistance
125
5.57
mΩ
MFS300A/12
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com