Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941GEFL/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
63
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000=48kHz
001=32kHz
010=24kHz
011=16kHz
100=12kHz
101=8kHz
110-111=reserved
Table 46 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8941 has an on-chip phase-locked loop (PLL) circuit that can be used to:
•
Generate master clocks for the WM8940 audio functions from another external clock, e.g.
in telecoms applications.
•
Generate an output clock, on GPIO, for another part of the system (derived from an
existing audio master clock).
Table 47 shows the PLL and internal clocking arrangement on the WM8941.
The PLL is enabled or disabled by the PLLEN register bit.
Note: In order to minimise current consumption, the PLL is disabled when the VMIDSEL[1:0] bits are
set to 00b. VMIDSEL[1:0] must be set to a value other than 00b to enable the PLL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
Management 1
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Table 47 PLLEN Control Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com