Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941GEFL/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8941GEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
w
WM8941
Mono CODEC with Speaker Driver and Video Buffer
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre Production, Rev 3.3, December 2007
Copyright
©2007 Wolfson Microelectronics plc
DESCRIPTION
The WM8941 is a low power, high quality mono CODEC
designed for portable applications such as digital still cameras
or camcorders.
The device integrates support for a differential or single ended
mic, and includes drivers for speakers or headphone, and
mono line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required. A high performance, low power current-mode
video buffer provides inherent short circuit protection.
An
integrated
video
buffer
is
provided
which
has
programmable gain from 0-6dB (6-12dB unloaded), sync-tip
clamp and a 3rd order input low pass filter for signal re-
construction.
Advanced Sigma Delta Converters are used along with digital
decimation and interpolation filters to give high quality audio at
sample rates from 8 to 48ks/s. A selectable high pass filter
and four fully-programmable notch filters are available in the
ADC path. An advanced mixed signal ALC function with noise
gate is provided, while readback of PGA gain during ALC
operation is supported. The digital audio interface supports A-
law and
µ-law companding.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can
also be output if required elsewhere in the system.
The WM8941 operates at supply voltages from 2.5 to 3.6V,
although the digital supplies can operate at voltages down to
1.71V to save power. Different sections of the chip can also be
powered down under software control using the selectable two
or three wire control interface.
WM8941 is supplied in a very small 4x4mm QFN package,
offering high levels of functionality in minimum board area,
with high thermal performance.
FEATURES
•
Mono CODEC:
•
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
•
DAC SNR 98dB, THD -84dB (‘A’-weighted @ 8 – 48ks/s)
•
ADC SNR 94dB, THD -80dB (‘A’-weighted @ 8 – 48ks/s)
•
On-chip Headphone/Speaker Driver
-
40mW output power into 16
Ω
-
BTL speaker drive 0.4W into 8
Ω
•
Additional MONO Line output
•
Multiple analog or ‘Aux’ inputs, plus analog bypass path
•
Mic Preamps :
•
Differential or single end Microphone Interface
-
Programmable preamp gain
-
Pseudo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
OTHER FEATURES
•
Integrated video buffer with LPF and clamp.
•
Digital Playback Limiter
•
Programmable high pass filter (wind noise reduction)
•
4 notch filters (narrowband noise suppression)
•
On-chip PLL
•
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
•
4x4x0.75mm 28 lead QFN package
APPLICATIONS
•
Digital still cameras and camcorders
•
General purpose mono audio CODEC with video buffer


Similar Part No. - WM8941GEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940CGEFL/RV CIRRUS-WM8940CGEFL/RV Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results

Similar Description - WM8941GEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com