Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941GEFL/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
9
Test Conditions
DCVDD=1.8V, DBVDD=3.3V, AVDD=3.3V, SPKVDD =3.3V, , VBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital to Analogue Converter (DAC) to MONO Output with 10k
Ω / 50pF load and DACVOL 0dB
Full-scale output 1
DACVOL = 0dB
0.9*AVDD
/3.3
AVDD/3.3 1.05*AVDD
/3.3
Vrms
A-weighted
AVDD=SPKVDD=3.3V
98
dB
Signal to Noise Ratio 3
SNR
A-weighted
AVDD=SPKVDD=2.5V
96
dB
0dBFS input
AVDD=SPKVDD=3.3V
-80
dBFS
Total Harmonic Distortion 4
THD
Total Harmonic Distortion + Noise 5
THD+N
0dBFS input
AVDD=SPKVDD=3.3V
-78
dBFS
Channel Separation 6
1kHz signal
100
dB
MICP and MICN input PGA to input boost stage into 10k
Ω / 50pF load on SPKOUTP and SPKOUTP
INPPGAVOL, PGABOOST = 0dB
Full-scale output voltage, 0dB gain
0.9*SPKVDD/
3.3
SPKVDD/3.3 1.05*SPKVD
D/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD=SPKVDD=3.3V
98
dB
Total Harmonic Distortion 4
THD
full-scale signal
AVDD=SPKVDD=3.3V
-80
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD=SPKVDD=3.3V
-78
dBFS
Channel Separation 6
100
dB
Speaker Output (SPKOUTP, SPKOUTN with 8
Ω bridge tied load)
Output Power
Po
Output power is closely correlated with THD see below
Po=150mW, RL = 8Ω
SPKVDD=3.3V
0.03
68
%
dB
Total Harmonic Distortion
4
THD
Po=350mW, RL = 8Ω
SPKVDD=3.3V
2.944
-30.6
%
dB
Signal to Noise Ratio 3
SNR
A-weighted
SPKVDD=3.3V
-98
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 8
Ω BTL
50
dB
Headphone Output (SPKOUTP, SPKOUTN with resistive load to GND)
Signal to Noise Ratio 3
SNR
A-weighted
SPKVDD=3.3V
98
dB
Total Harmonic Distortion 4
THD
Po=20mW, RL = 16Ω
SPKVDD=3.3V
0.02
-72
%
dB
Video Buffer
Maximum output voltage swing
Vom
f=100kHz, THD=1%
1.10
1.25
1.50
Vp-p
Maximum Programmable Voltage
Gain 7
Av
RVBREF=187
Ω, ROUT=75Ω,
RLOAD=75 Ω
5.08
6
7.94
dB
Minimum Programmable Voltage Gain
7
Av
RVBREF=187
Ω, ROUT=75Ω,
RLOAD=75 Ω
-0.92
0
1.94
dB
Step Size
6
dB
Differential gain
DG
Vin=1Vp-p
-2.0
0.3
+2.0
%
Differential phase
DP
Vin=1Vp-p
-2.0
0.7
+2.0
Deg
Signal to Noise Ratio
VSNR
+40
+60
+100
dB
SYNC tip offset above GND
VBDISOFF=0, Av = +6dB
0
40
75
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com