Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941GEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
91
NOTCH FILTERS AND LOW PASS FILTER
The WM8941 supports four programmable notch filters. The fourth notch filter can be configured as
a low pass filter. The following illustrates three digital notch filters, followed by a single low pass filter
in the ADC filter path. Both the centre frequency and -3dB bandwidth are programmable for the
notch filters. The cut off frequency is programmable for the low pass filter. The following graphs
show the responses of 1) a single notch filter at three chosen centre frequencies, with three
bandwidths for each, 2) the low pass filter at three chosen cut off frequencies and 3) the cascade of
three notch filters followed by the low pass filter, each with a different centre / cut off frequency with
three bandwidths for each.
Figure 54 ADC Notch Filter Responses (48kHz); fc=100Hz, 1kHz, 10kHz; fb = 100Hz, 600Hz, 2kHz
Figure 55 ADC Low Pass Filter Responses (48kHz); fc= 1kHz, 5kHz, 10kHz
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com