Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 4 Page - Polymaker Industrial

Part # ASA
Description  My first print
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Datasheet(HTML) 4 Page - Polymaker Industrial

  ASA Datasheet HTML 1Page - Polymaker Industrial ASA Datasheet HTML 2Page - Polymaker Industrial ASA Datasheet HTML 3Page - Polymaker Industrial ASA Datasheet HTML 4Page - Polymaker Industrial ASA Datasheet HTML 5Page - Polymaker Industrial ASA Datasheet HTML 6Page - Polymaker Industrial ASA Datasheet HTML 7Page - Polymaker Industrial ASA Datasheet HTML 8Page - Polymaker Industrial ASA Datasheet HTML 9Page - Polymaker Industrial Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
My first print
1) Prepare the gcode
2) Prepare the printer
Download the MyFirstPrint.stl on
www.polymaker.com
Load the stl file in your favorite slicer.
- Clean the build plate and prepare it with the right surface:
We recommend to print
PolyLite™ ASA on BuildTak® or using Magigoo.
- Level the build plate.
- It is recommended to clean the nozzle when you change the material to
prevent partial clog.
Note: It is recommended to use an enclosure to print
PolyLite™ ASA to prevent warping issue.
It is recommended to place the printer in a well ventilated area.
Enter the correct settings for PolyLite™ ASA;
Property
Value
Bed temperature
75˚C-95˚C
Cooling fan
OFF
Nozzle speed
30mm/s – 50mm/s
Nozzle temperature
240˚C-260˚C
Layer height
0.1
Number of outlines (shell)
3
Infill
20%
Top/Bottom layers
Surface adhesion
4
Brim or Raft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com