Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 7 Page - Polymaker Industrial

Part # ASA
Description  My first print
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Datasheet(HTML) 7 Page - Polymaker Industrial

Back Button ASA Datasheet HTML 3Page - Polymaker Industrial ASA Datasheet HTML 4Page - Polymaker Industrial ASA Datasheet HTML 5Page - Polymaker Industrial ASA Datasheet HTML 6Page - Polymaker Industrial ASA Datasheet HTML 7Page - Polymaker Industrial ASA Datasheet HTML 8Page - Polymaker Industrial ASA Datasheet HTML 9Page - Polymaker Industrial ASA Datasheet HTML 10Page - Polymaker Industrial ASA Datasheet HTML 11Page - Polymaker Industrial Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
TOUGHNESS
STIFFNESS
PolyMideTM CoPA (dry)
PolyMideTM CoPA (wet)
PolyMaxTM PC
PolyLiteTM PC
PolyLiteTM ABS
PolyLiteTM PETG
PolyLiteTM PLA
PolyMaxTM PLA
PolyWoodTM
PolySmoothTM
Impact Strength
Bending Strength
25kJ/m2
100MPa
PolyMideTM CoPA (dry)
PolyMideTM CoPA (dry)
PolyMideTM CoPA (wet)
PolyLiteTM PETG
PolyMaxTM PETG
PolyMaxTM PC
PolyLiteTM PC
PolyLiteTM ABS
PolyLiteTM PLA
PolyMaxTM PLA
PolyWoodTM
PolySmoothTM
PolyMaxTM PC
PolyLiteTM PC
PolyLiteTM ABS
PolyLiteTM PETG
PolyMaxTM PETG
PolyLiteTM PLA
PolyMaxTM PLA
PolyWoodTM
PolySmoothTM
Tensile Strength
Vicat Softening Temp
100°C
120°C
140°C
160°C
180°C
0°C
20°C
40°C
60°C
80°C
66MPa
PolyMaxTM PETG
PolyLite
™ ASA
PolyLite
™ ASA
PolyLite
™ ASA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com