Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 6 Page - Polymaker Industrial

Part # ASA
Description  My first print
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Datasheet(HTML) 6 Page - Polymaker Industrial

Back Button ASA Datasheet HTML 2Page - Polymaker Industrial ASA Datasheet HTML 3Page - Polymaker Industrial ASA Datasheet HTML 4Page - Polymaker Industrial ASA Datasheet HTML 5Page - Polymaker Industrial ASA Datasheet HTML 6Page - Polymaker Industrial ASA Datasheet HTML 7Page - Polymaker Industrial ASA Datasheet HTML 8Page - Polymaker Industrial ASA Datasheet HTML 9Page - Polymaker Industrial ASA Datasheet HTML 10Page - Polymaker Industrial Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PolyLiteTM ASA
PolyLite™ ASA is an alternative to ABS with an improved weather
resistance. Its UV resistance and excellent mechanical properties make it
the perfect choice for real life applications.
Available colors:
Diameter accuracy (2.85/1.75 mm):
Weight accuracy:
Physical properties
Mechanical properties
Drying settings
Property
Testing method
Typical value
600g
+/-
20g
750g
+/-
20g
1000g
+/-
30g
3000g +/-
60g
70%
is within
+/- 0.01
97%
is within
+/- 0.02
99%
is within
+/- 0.03
99.9% is within
+/- 0.04
80˚C for 8h
1.1 (g/cm3 at 21.5 °C)
97.8 (°C)
105.3 (°C)
25 (g/10 min)
220 °C, 10 kg
DSC, 10 °C/min
ASTM D792 (ISO 1183, GB/T 1033)
ASTM D1525 (ISO 306, GB/T 1633)
Melt Index
Glass transition temperature
Density
Vicat softening temperature
Property
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
Bending modulus
ASTM D790 (ISO 178, GB/T 9341)
Testing method
Typical value
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
Bending strength
ASTM D790 (ISO 178, GB/T 9341)
Charpy impact strength
ASTM D256 (ISO 179, GB/T 1043)
43.8 ± 0.8 (MPa)
3206 ± 108 (MPa)
6.7 ± 0.6 (%)
2379 ± 157 (MPa)
73.4 ± 2.1 (MPa)
10.3 ± 0.4 (kJ/m2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com