Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 10 Page - Polymaker Industrial

Part # ASA
Description  My first print
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Datasheet(HTML) 10 Page - Polymaker Industrial

Back Button ASA Datasheet HTML 6Page - Polymaker Industrial ASA Datasheet HTML 7Page - Polymaker Industrial ASA Datasheet HTML 8Page - Polymaker Industrial ASA Datasheet HTML 9Page - Polymaker Industrial ASA Datasheet HTML 10Page - Polymaker Industrial ASA Datasheet HTML 11Page - Polymaker Industrial ASA Datasheet HTML 12Page - Polymaker Industrial ASA Datasheet HTML 13Page - Polymaker Industrial ASA Datasheet HTML 14Page - Polymaker Industrial Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Jam-Free™ technology improves the heat stability
of Polymaker’s PLA filaments with softening
temperatures over 140 °C. As a result, Polymaker’s
PLA filaments show minimal softening in the “cold
end” and can melt rapidly once entering the heating
zone, leading to excellent printing quality with zero
risk of nozzle jams.
Warp-Free™ technology enables the production
of Nylon-based filaments that can be 3D printed
with excellent dimensional stability and near-zero
warpage. This is achieved by the fine control of
micro-structure and crystallization behavior of
Nylon, which enables the material to fully release the
internal stress before solidification.
Ash-Free™ technology allows Polymaker’s filament
which has been designed for investment casting
to burn off cleanly without any residue, enabling
defect-free metal parts. 3D printing has been used
to produce investment casting patterns as it cuts
down both the cost and lead time for small-volume
production runs.
JAM-FREE™
WARP-FREE™
ASH-FREE™
Technologies
Without Ash-FreeTM
Ash content: 0.5%
With Ash-FreeTM
Ash content: 0.003%
Regular Nylon
With Warp-FreeTM
Regular PLA
With Jam-FreeTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com